Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics AN2946 Datasheet HTML 16Page - STMicroelectronics AN2946 Datasheet HTML 17Page - STMicroelectronics AN2946 Datasheet HTML 18Page - STMicroelectronics AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Hardware design
AN2946
18/38
Doc ID 15473 Rev 2
●
Stage 3:
In stage 3 when VBATTERY ≥ 14.3 V, the controller enters into floating charging, and Uba is
limited to 14.3 V. Figure 18 shows the battery voltage (Uba) and charging current (Iba) in
this stage.
Figure 18.
Battery voltage versus charging current
The result shows that with different charging currents, the battery voltage is kept at around
13.8 V and remains constant. Figure 19 and 20 show the typical current output from the
solar module and the current charged to the battery. Both currents are smooth and no large
current ripple is observed. In Figure 21 the inductor current waveform shows that the buck
converter works at continuous current mode. Peak-to-peak current (IL) ripple is around 0.7
A. Such a small current ripple requires a small output capacitor. The turn-off switching
voltage spike of the MOSFET (Vds) and diode (Vak) are very small in actuality.
Table 3.
Test results for different values of Vdc (R = 4.6 Ω)
Udc [V]
Usc [V]
Isc [A]
Uba [V]
Iba [A]
Charger
efficiency [%]
36
18.0
3.90
13.08
5.03
93.7
35
17.5
3.80
12.99
4.79
93.6
34
17.0
3.65
12.90
4.57
95.0
33
16.5
3.50
12.82
4.33
96.1
32
16.0
3.48
12.73
4.12
94.2
31
15.5
3.38
12.65
3.90
94.2
30
15.0
3.30
12.57
3.69
93.7
29
14.6
3.17
12.47
3.48
93.8
28
14.4
2.97
12.39
3.26
94.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com