Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 16Page - STMicroelectronics AN2946 Datasheet HTML 17Page - STMicroelectronics AN2946 Datasheet HTML 18Page - STMicroelectronics AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics AN2946 Datasheet HTML 23Page - STMicroelectronics AN2946 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Hardware design
AN2946
20/38
Doc ID 15473 Rev 2
Figure 23.
LED current, efficiency vs. LED voltage
LED current is constantly regulated with different lamp and battery voltages. The measured
efficiency is around 82%. The efficiency is not high when compared to a buck converter, but
it can keep LED current constant for a large input voltage range. Figure 24 and 25 show
some typical waveforms for LED drivers.
Figure 26.
Vgs, Ids, and Vds on Q4
Figure 24.
Driver input current
Figure 25.
Driver output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com