Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics AN2946 Datasheet HTML 12Page - STMicroelectronics AN2946 Datasheet HTML 13Page - STMicroelectronics AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics AN2946 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Hardware design
AN2946
12/38
Doc ID 15473 Rev 2
Figure 10.
Hardware OVP circuit for battery overcharging protection
The schematic of the battery charger is shown in Figure 11 which is based on buck topology.
Q2, D4 are the buck MOSFET and diode, respectively. L2 is the inductor and C13 is the
output capacitor. The charger operates in a continuous current mode so that small output
current ripple is achieved and a small output capacitor can be used. C10 and C11 are used
as a snubber to suppress high voltage spikes.
Since Q2 is floating and high-side transformer T2 is used to drive the MOSFET, the gate
driving circuit is similar to the one shown in Figure 9.
Resistors R9, R17 ~ R20 and R55 are used to sense the charge current to the battery. U3
(TSC101) is the high-side current sensor which amplifies the signal and gives feedback to
the MCU.
P2 is the connector to the battery. One fuse (F1) is in series with the battery to prevent
catastrophic failure. To prevent reverse connection of the battery, one Schottky diode D14 is
added. F1 blows out with D14 if the battery is reversely connected. This helps to protect the
rest of the circuits.
Figure 11.
Battery charger circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com