Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 12Page - STMicroelectronics AN2946 Datasheet HTML 13Page - STMicroelectronics AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics AN2946 Datasheet HTML 16Page - STMicroelectronics AN2946 Datasheet HTML 17Page - STMicroelectronics AN2946 Datasheet HTML 18Page - STMicroelectronics AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Hardware design
AN2946
16/38
Doc ID 15473 Rev 2
Figure 15.
Charging current versus solar module output voltage
The charging current is measured against different output voltages of the solar module. A
DC source is used to simulate the solar module output and when its voltage changes from
13.1 V to 19.1 V, the charging current is limited to around 0.5 A. This demonstrates the
proper operation of the first stage.
●
Stage 2:
In stage 2, when 11 V
< V
BATTERY < 14.3 V, MPPT is implemented. To simulate the V-I curve
of the solar module, the test method is proposed as shown in Figure 16 with two important
equations below.
Equation 1
Equation 2
Figure 16.
MPPT test diagram
The V-I curves of this test system and charger power are shown in Figure 17.
Usc
Udc
R Isc
⋅
–
=
Psc
Usc Isc
Udc
R Isc
⋅
–
() Isc
⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com