Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 7Page - STMicroelectronics AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics AN2946 Datasheet HTML 12Page - STMicroelectronics AN2946 Datasheet HTML 13Page - STMicroelectronics AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
AN2946
Hardware design
Doc ID 15473 Rev 2
11/38
Figure 8.
Noise filtering circuit for VDD and VDDA
3.1.2
Electricity power collection
In Figure 9, C1, and C4//C5//C6 are used to reject the high switching frequency interference
from the charger so that only the "clean" current flows through the solar cells (P1). When
photons hit the solar cells, P1 releases electrons which flow along the metal contacts and
stores electricity to C1 and C4/C5/C6 through R1//R2//R3//R4 and Q1. R1~R4 are current
sense resistors which are used to sense the solar module current. An operational amplifier
U1 (LM258D) is used to amplify and smooth the sense signal, then feedback to the MCU.
When solar cells charge the battery with high current, Q1 is turned on in order to minimize
the power losses. Q1 is turned off if solar cells voltage falls below the battery voltage. Q1
also works as a polarity protection diode, preventing that the solar module is reversely
connected. The gate driving signal (PWM_Input) of Q1 is given by the MCU through U4. In
order to properly drive Q1, the 3.3 V PWM signal from the MCU must be sent to U4
(comparator TS391). Q11 and Q13 are configured as the push-pull totem to turn on/off Q1
perfectly.
Figure 9.
Solar module control circuit
A hardware solution to protect the battery from being overcharged is important. When
battery voltage exceeds 15 V (example of 12 V battery in system), D3 in Figure 10 is
triggered and SCR (Q10) is turned on. The battery provides latch-current to Q10 and the
fuse (F1 in Figure 11) is blown. Then battery is protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com