Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 13Page - STMicroelectronics AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics AN2946 Datasheet HTML 16Page - STMicroelectronics AN2946 Datasheet HTML 17Page - STMicroelectronics AN2946 Datasheet HTML 18Page - STMicroelectronics AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
AN2946
Hardware design
Doc ID 15473 Rev 2
17/38
Figure 17.
V-I curve and PSC
According to Equation 1 and Equation 2, the maximum power point (MPP) occurs at
Usc = 0.5 × Udc. A different R value results in different output power at the MPP delivered to
the charger. From Table 2 as long as Udc is 36 V, Usc is kept at18 V no matter what the R
value is. Table 3 shows the result with fixed R and variable Udc. Usc is always half of Udc
during steady state. Thus the test diagram shows the way to find the MPP during the test.
Table 2.
Test results for different values of R (Vdc = 36 V)
R[
Ω]
Usc [V]
Isc [A]
Uba [V]
Iba [A]
Charger
efficiency [%]
4.6
18.0
3.90
13.08
5.03
93.7
5.2
18.0
3.45
13.08
4.41
94.0
6.0
18.0
3.00
13.03
3.88
93.6
7.1
18.0
2.53
12.81
3.31
93.1
8.8
18.0
2.05
12.54
2.76
93.8
11.6
18.0
1.55
12.34
2.10
92.9
17.3
18.0
1.04
12.07
1.43
92.2
34.0
18.0
0.53
11.96
0.69
86.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com