Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2946 Datasheet HTML 1Page - STMicroelectronics AN2946 Datasheet HTML 2Page - STMicroelectronics AN2946 Datasheet HTML 3Page - STMicroelectronics AN2946 Datasheet HTML 4Page - STMicroelectronics AN2946 Datasheet HTML 5Page - STMicroelectronics AN2946 Datasheet HTML 6Page - STMicroelectronics AN2946 Datasheet HTML 7Page - STMicroelectronics AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
September 2010
Doc ID 15473 Rev 2
1/38
AN2946
Application note
Solar-LED streetlight controller with 25 W LED lamp driver
and 85 W battery charger based on the STM32F101Rx
Introduction
The solar-LED streetlight controller described in this application note is designed to achieve
an 85 W solar energy battery charger and a 25 W LED lamp driver. During the daytime the
controller preserves the electricity energy gathered by the solar module (PV module), then
stores it in the battery. In the evening the controller uses the battery energy to power the
LED streetlight. When the battery runs out of power after several rainy days, the controller
enables the external offline power supply (not included in this system) instead of the battery
to power the LED streetlight until the system battery is fully charged again.
Due to the clean nature of solar energy, and the highly efficient energy conversion of the PV
module and very long operating life of the LED lamp, the solar-LED streetlight controller,
compared to conventional streetlights, can save electricity remarkably, thus abating
greenhouse gas (e.g. CO2) emission.
This application note is based on the solution of solar-LED streetlight controller architecture,
including a battery charger and LED lamp driver. The description of the architecture involves
hardware and firmware design with design parameter settings. The solar-LED streetlight
controller demonstration board is shown in Figure 1.
Figure 1.
Solar-LED streetlight controller demonstration board
www.st.com


Similar Part No. - AN2946

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN294 SILABS-AN294 Datasheet
1Mb / 22P
Si825X FREQUENCY COMPENSATION SIMULATOR FOR DIGITAL BUCK CONVERTERS
logo
STMicroelectronics
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
More results

Similar Description - AN2946

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
Blue 25 5mm LED lamp with water transparent lens.
logo
Micro Electronics
MLD571 MICRO-ELECTRONICS-MLD571 Datasheet
78Kb / 2P
ONE LAMP/LED DRIVER
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
logo
STMicroelectronics
STEVAL-ILL013V1 STMICROELECTRONICS-STEVAL-ILL013V1 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
UM0670 STMICROELECTRONICS-UM0670 Datasheet
1Mb / 43P
80 W offline LED driver with PFC
10-Aug-2009
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
logo
Shanghai Yuxin Electron...
YX8182 SHININGIC-YX8182 Datasheet
144Kb / 2P
Solar LED lamp driver
logo
List of Unclassifed Man...
CL0116 ETC1-CL0116 Datasheet
248Kb / 1P
Solar LED Lamp Controller
logo
QX Micro Devices Co.,Lt...
QX5252 QXMD-QX5252 Datasheet
1Mb / 2P
Efficient solar LED lawn light driver
QX5253 QXMD-QX5253 Datasheet
371Kb / 2P
Solar LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com