Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3114 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 2Page - STMicroelectronics AN3114 Datasheet HTML 3Page - STMicroelectronics AN3114 Datasheet HTML 4Page - STMicroelectronics AN3114 Datasheet HTML 5Page - STMicroelectronics AN3114 Datasheet HTML 6Page - STMicroelectronics AN3114 Datasheet HTML 7Page - STMicroelectronics AN3114 Datasheet HTML 8Page - STMicroelectronics AN3114 Datasheet HTML 9Page - STMicroelectronics AN3114 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
LCD solution
AN3114
6/43
Doc ID 16829 Rev 3
1
LCD solution
1.1
Definitions
●
LCD (liquid crystal display): a passive display panel with terminals driving LCD
segments.
●
LCD segment (Pixel[i][j]): the smallest viewing element (a single bar or dot that is used
to help create a character on an LCD display)
●
Segment line (SEG[j]): segment terminal
●
Common (COM[i]): electrical connection terminal connected to several LCD segments
(denotes how many LCD segments (pixels) are connected to a segment line)
●
Duty ratio: number defined as 1 / (number of common terminals on an LCD display)
●
Bias: indicates the number of voltage levels used when driving an LCD. It is defined as
1 / (number of voltage levels used driving a LCD display - 1)
●
Von: the RMS voltage applied to the LCD segment that creates an ON pixel which is
typically at 90% of the contrast level
●
Vth (LCD threshold voltage): the RMS voltage across an LCD pixel when contrast
reaches a 10% level
●
Voff: the RMS voltage across an LCD pixel when contrast reaches a 0% level
●
Frame: one period of the waveforms written to a segment line
●
Frame rate: the number of frames per second, that is, the number of times the LCD
segments are energized per second
●
Boost circuit: contrast controller circuit
1.2
LCD principle
Figure 1.
LCD principle
An LCD panel is composed of many layers. A liquid crystal is filled between two of them
(glass plates), that are separated by thin spacers coated with transparent electrodes which
contain orientation layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com