Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3114 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 7Page - STMicroelectronics AN3114 Datasheet HTML 8Page - STMicroelectronics AN3114 Datasheet HTML 9Page - STMicroelectronics AN3114 Datasheet HTML 10Page - STMicroelectronics AN3114 Datasheet HTML 11Page - STMicroelectronics AN3114 Datasheet HTML 12Page - STMicroelectronics AN3114 Datasheet HTML 13Page - STMicroelectronics AN3114 Datasheet HTML 14Page - STMicroelectronics AN3114 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AN3114
LCD controller drive signals
Doc ID 16829 Rev 3
11/43
Figure 5.
LCD signals for duplex mode
Discrimination ratio calculation for duplex mode:
COM0 - SEG0 [ON] = (0 - VDD) + (VDD/2 - VDD) + (VDD - 0) + (VDD/2 - 0) => VDC = 0
COM0 - SEG0 [OFF] = (0 - 0) - (VDD/2 - VDD) + (0 - 0) + (VDD/2 - 0) => VDC = 0
COM0
MS19738V1
SEG0
SEG1
VDD/2
COM1
0 V
VDD
VDD/2
0 V
VDD
0 V
VDD
0 V
VDD
COM0-SEG0
Selected waveform
VDD/2
0 V
VDD
-VDD/2
-VDD
Odd
frame
Even
frame
Odd
frame
Even
frame
Odd
frame
V
ON RMS
()
VSi
()
2
n
∑
n
------------------------
VDD
()
2
VDD
2
-------------
⎝⎠
⎛⎞
2
VDD
–
2
----------------
⎝⎠
⎛⎞
2
VDD
–
()
2
++
+
⎝⎠
⎛⎞
4
---------------------------------------------------------------------------------------------------------------------
0,790VDD
==
=
V
OFF RMS
()
VSi
()
2
n
∑
n
------------------------
0
()
2
VDD
2
-------------
⎝⎠
⎛⎞
2
0
()
2
VDD
–
2
----------------
⎝⎠
⎛⎞
2
++
+
⎝⎠
⎛⎞
4
---------------------------------------------------------------------------------------------
0,353VDD
==
=
D
V
ON RMS
()
V
OFF RMS
()
-----------------------------
0,790VDD
0,353VDD
----------------------------
2,237
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com