Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3114 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 4Page - STMicroelectronics AN3114 Datasheet HTML 5Page - STMicroelectronics AN3114 Datasheet HTML 6Page - STMicroelectronics AN3114 Datasheet HTML 7Page - STMicroelectronics AN3114 Datasheet HTML 8Page - STMicroelectronics AN3114 Datasheet HTML 9Page - STMicroelectronics AN3114 Datasheet HTML 10Page - STMicroelectronics AN3114 Datasheet HTML 11Page - STMicroelectronics AN3114 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LCD solution
AN3114
8/43
Doc ID 16829 Rev 3
Figure 2.
Equivalent electrical schematic of a segment line
1.3
Selecting an LCD glass
To select the LCD glass best suited for your application among the wide range of products
available on the market, the following criteria must be taken into account:
1.
The information to display on the LCD glass. It is a combination of alphanumeric
symbols and various useful predefined symbols such as digits, bells, low-battery
symbol, arrows, antenna, and progress bar.
2.
The typical electrooptical characteristics required for the LCD to operate: operating
temperature, storage temperature, and operating voltage, which affect the LCD
contrast.
3.
The number of pixels required to achieve the desired display on the LCD.
4.
When the multiplex of the LCD panel increases (quadruplex, octaplex...), the
discrimination ratio and the contrast decrease (please refer to the discrimination ratio
calculation for each backplane LCD). So, to provide a better contrast and a greater
separation between Von(RMS) and Voff(RMS), the LCD voltages must be increased.
1.4
Typical applications
The LCD controller can be used in many embedded applications. They can be classified as
follows:
1.
Home appliances: refrigerator, microwave oven, coffee maker, washing machine,
thermostat, battery management, security system, baby alarm, and clock radio, etc.
2.
Medical: spirometer, glucose meter, pressure meter, temperature reader, nurse call
system, medical pump, and pulse oximeter, etc.
3.
Automotive: dashboard, audio system, tire pressure sensor, battery vehicle display,
iPod adapter, etc.
4.
Industrial: data acquisition, pressure meter, portable instruments, gasoline pumps, air
conditioner, payment systems, gas detection, etc.
C
RS
S
COM
ai17082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com