Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3114 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 27Page - STMicroelectronics AN3114 Datasheet HTML 28Page - STMicroelectronics AN3114 Datasheet HTML 29Page - STMicroelectronics AN3114 Datasheet HTML 30Page - STMicroelectronics AN3114 Datasheet HTML 31Page - STMicroelectronics AN3114 Datasheet HTML 32Page - STMicroelectronics AN3114 Datasheet HTML 33Page - STMicroelectronics AN3114 Datasheet HTML 34Page - STMicroelectronics AN3114 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
31/43
In medium+ and high density STM8L152xx/STM8L162xx devices, the LCD RAM is
accessed through two pages, each activated by the PAGE_COM bit in the LCD_CR4
register:
–
When PAGE_COM = 0: the LCD RAM register address gives access to the first
LCD RAM page, selecting COM0, 1, 2 and 3.
–
When PAGE_COM = 1: the LCD RAM register address gives access to the
second LCD RAM page, selecting COM4, 5, 6 and 7.
The LCD segments are individually controlled by selecting the dedicated page and setting or
clearing the corresponding bit of the LCD data registers (LCD_RAM[21:0]).
The LCD controller module handles the encoding of the physical drive waveforms to the
custom LCD Glass HXO5002B.
The physical connections between custom LCD HXO5200B and the LCD controller
available on the medium+ density STM8L152xx devices and on high density
STM8L152xx/STM8L162xx devices must be performed as shown in Figure 22.
Figure 22.
HXO5002B LCD daughterboard
The physical connections between each pixel, the segment lines and the common lines
must be performed as shown in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com