Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3114 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3114
Description  This application note describes techniques for connecting
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3114 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3114 Datasheet HTML 19Page - STMicroelectronics AN3114 Datasheet HTML 20Page - STMicroelectronics AN3114 Datasheet HTML 21Page - STMicroelectronics AN3114 Datasheet HTML 22Page - STMicroelectronics AN3114 Datasheet HTML 23Page - STMicroelectronics AN3114 Datasheet HTML 24Page - STMicroelectronics AN3114 Datasheet HTML 25Page - STMicroelectronics AN3114 Datasheet HTML 26Page - STMicroelectronics AN3114 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
AN3114
Displaying alphanumeric characters on the LCD glass
Doc ID 16829 Rev 3
23/43
4
Displaying alphanumeric characters on the LCD
glass
This section explains how to connect the LCD controller to an LCD glass to display
alphanumeric characters. It is based on the following examples:
STM8L1526-EVAL evaluation board using Pacific Display devices PD-878 and medium
density STM8L152xx microcontroller
STM8L1528-EVAL evaluation board using the custom LCD HXO5002B and high
density STM8L152xx/STM8L162xx microcontroller
4.1
PD-878 LCD glass used on STM8L1526-EVAL
The PD-878 LCD glass mounted on the STM8L1526-EVAL is an eight multiplexed digit
display from Pacific Display devices, the PD-878 (see Figure 13).
Depending on the type of LCD glass which is used, the user can select the LCD mode by
configuring the duty cycle. Each segment line can control up to four pixels. The integrated
LCD controller available in medium density STM8L152xx/STM8AL3Lxx devices can control
up to 112 LCD segments that can be divided between alphanumeric symbols and several
predefined symbols including digit, bell, low-battery symbol, arrows (left, up, right, and
down), antenna, and progress bar. Since the LCD glass has in total 128 LCD segments
(only alphanumeric characters) controlled through four COM and 32 segment lines, some of
the segment lines of the LCD glass are not connected in the standard configuration (see
Figure 14).
Alphanumeric characters are displayed using 16 LCD segments. Figure 15 shows the LCD
segments and reference letters for an alphanumeric character.
Figure 13.
Layout for the PD-878



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com