| Electronic Components Datasheet Search |
|
AN3114 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3114 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 43 page ![]() Displaying alphanumeric characters on the LCD glass AN3114 28/43 Doc ID 16829 Rev 3 Displaying a “W” on the LCD glass The LCD segments B, C, E, F, L, and N must be activated to display the “W” letter (see Figure 20). These segments must then be transferred from the LCD_RAM registers to the LCD glass. Use the matrix described in Figure 19 to know which bits of the LCD_RAM registers must be set. The firmware structure provides the value 0x05D2 for Nibble[3:0], corresponding to: ● Nibble[0] = 0x0 = 0000b ● Nibble[1] = 0x5 = 0101b ● Nibble[2] = 0xD = 1101b ● Nibble[3] = 0x2h = 0010b. To display ‘W’ on position three on the LCD glass, the LCD_RAM registers must be programmed as follows: ● Nibble[0] in the MSB bits for LCD_RAM1 register ● Nibble[1] in the LSB bits for the LCD_RAM5 register ● Nibble[2] in the MSB bits for the LCD_RAM8 register ● Nibble[3] in the LSB bits for the LCD_RAM12 register Note: All upper case letters and number are converted from ASCII characters to LCD_RAM registers format. The LCD letters and numbers map are stored in two Flash tables (LetterMap and NumberMap) as constants which are used when translating the ASCII characters to LCD RAM registers. Table 3. LCD_RAM bits versus LCD PD-878 characters LCD RAM Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 LCD_RAM0 Character1 Character0 LCD_RAM1 Character3 Character2 LCD_RAM2 Character5 Character4 LCD_RAM3 Character0 Character6 LCD_RAM4 Character2 Character1 LCD_RAM5 Character4 Character3 LCD_RAM6 Character6 Character5 LCD_RAM7 Character1 Character0 LCD_RAM8 Character3 Character2 LCD_RAM9 Character5 Character4 LCD_RAM10 Character0 Character6 LCD_RAM11 Character2 Character1 LCD_RAM12 Character4 Character3 LCD_RAM13 Character6 Character5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |