Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 2Page - STMicroelectronics UM0224 Datasheet HTML 3Page - STMicroelectronics UM0224 Datasheet HTML 4Page - STMicroelectronics UM0224 Datasheet HTML 5Page - STMicroelectronics UM0224 Datasheet HTML 6Page - STMicroelectronics UM0224 Datasheet HTML 7Page - STMicroelectronics UM0224 Datasheet HTML 8Page - STMicroelectronics UM0224 Datasheet HTML 9Page - STMicroelectronics UM0224 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Functional description
STR75x demonstration software
6/34
Both these RS232 ports are terminated by DB9 connectors.
1.6.2
CAN
STR75x-EVAL evaluation board supports CAN2.0A/B complaint CAN bus communication
based on 3.3V CAN transceiver. Both High-speed mode and slope control mode are
available and can be selected by setting a dedicated jumper.
1.7
Motor control
STR75x-EVAL evaluation board supports inductor motor control via a 34-pins connector,
which provides all required control and feedback signals to and from motor power-driving
board.
1.8
Miscellaneous peripherals
1.8.1
10-bit analog to digital converter
●
Varistor: ADC channel3 connected to an on board variable resistor. The variable
resistor provides a voltage in the range of 0 to 3.3V.
1.8.2
Push-buttons
The following push-buttons are provided:
●
KEY: user push-button
●
Wakeup: push-button to wake-up the processor from low power modes
1.8.3
Audio
STR75x-EVAL evaluation board supports both audio (*.wav format) recording and playback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com