Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics UM0224 Datasheet HTML 23Page - STMicroelectronics UM0224 Datasheet HTML 24Page - STMicroelectronics UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Running the demonstrations
STR75x demonstration software
24/34
2.4.5
Period measurement
This menu allows you to measure the period of an external input signal. The STR750 timers
can be used in PWMI (PWM input) mode to measure the frequency and the duty cycle of an
input signal in a range which depends on the TIM1 clock: in our case the range is from 458
Hz to 10 kHz. You have to connect the signal to be measured to the TIM1_TI2/P0.31 pin.
If the input signal is in the specified range, the following message is displayed on the LCD:
If the signal is under the low limit of the range, the following message is displayed on the
LCD:
If the signal is over the high limit of the range, the following message is displayed on the
LCD:
If there is no signal connected to the TIM1_TI2/P0.31 pin, the following message is
displayed on the LCD:
Duty Cycle: xx%
Freq: xxxxx Hz
Out of range!!
Freq < 458 Hz
Out of range!!
Freq > 10 kHz
!!no signal!!
Press UP/DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com