Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 15Page - STMicroelectronics UM0224 Datasheet HTML 16Page - STMicroelectronics UM0224 Datasheet HTML 17Page - STMicroelectronics UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics UM0224 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
STR75x demonstration software
Running the demonstrations
19/34
STANDBY
This menu allows you to put the STR750 in STANDBY mode. The software performs the
specific sequence of instructions needed to enter STANDBY mode. STANDBY mode is
characterized by:
●
The main voltage regulator is disabled
●
Only the backup circuitry remains powered by the low power voltage regulator
●
Minimum power consumption
●
All registers and SRAM contents are lost
In this application, there are two ways to make the STR750 exit from STANDBY mode:
●
In the first one, the Wake-up push button is used to wake-up the MCU from STANDBY
mode. The following message is displayed on the LCD:
The red LEDs continue blinking until the "SEL" push button is pressed, then the system
enters STANDBY mode and the following message is displayed on the LCD:
The MCU will remain in STANDBY mode unless the Wakeup push button is pressed. Once
this button is pressed, the MCU exits from STANDBY mode and system reset signal is
generated.
●
In the second case, the RTC Alarm will wake-up the MCU from STANDBY mode after
the programmed timing. The following message is displayed on the LCD:
The red LEDs continue blinking until the "SEL" push button is pressed, then the system
enters STANDBY mode and the following message is displayed on the LCD:
After the programmed timing have elapsed, the system exits from the STANDBY mode and
system reset signal is generated.
Exit: WAKEUP Pin
STANDBY Mode
Press WAKEUP Key
STANDBY Mode
Exit: RTC Alarm
STANDBY Mode
Wait for Alarm
STANDBY Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com