Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 14Page - STMicroelectronics UM0224 Datasheet HTML 15Page - STMicroelectronics UM0224 Datasheet HTML 16Page - STMicroelectronics UM0224 Datasheet HTML 17Page - STMicroelectronics UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Running the demonstrations
STR75x demonstration software
18/34
In this application, there are two ways to make the STR750 exit from STOP mode:
●
In the first one, the EXTIT (Key button) is used to exit the MCU from STOP mode. The
following message is displayed on the LCD:
The red LEDs continue blinking until the "SEL" push button is pressed, then the system
enters STOP mode and the following message is displayed on the LCD:
The MCU will remain in STOP mode unless the Key push button is pressed. Once this
button is pressed, the MCU exits from STOP mode. Then the system clock is set to 60 MHz
and the application resumes executing.
Note:
If an alarm occurs when the system is in STOP mode, the following message is displayed on
the LCD screen when the MCU resumes from STOP mode:
●
In the second case, the RTC Alarm will wake-up the MCU from STOP mode after the
programmed timing. The following message is displayed on the LCD:
The red LEDs continue blinking until the "SEL" push button is pressed, then the system
enters STOP mode and the following message is displayed on the LCD:
After the programmed timing has elapsed, the system exits from STOP mode. Then the
system clock is set to 60 MHz and the application resumes executing.
Note:
In both cases, the NCKD flag will wake-up the MCU from STOP mode.
Exit: EXTIT/NCKD
STOP Mode
Exit:Press Key
STOP Mode
One missed Alarm
Exit:Press SEL
Exit: Alarm/NCKD
STOP Mode
Wait for Alarm
STOP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com