Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 8Page - STMicroelectronics UM0224 Datasheet HTML 9Page - STMicroelectronics UM0224 Datasheet HTML 10Page - STMicroelectronics UM0224 Datasheet HTML 11Page - STMicroelectronics UM0224 Datasheet HTML 12Page - STMicroelectronics UM0224 Datasheet HTML 13Page - STMicroelectronics UM0224 Datasheet HTML 14Page - STMicroelectronics UM0224 Datasheet HTML 15Page - STMicroelectronics UM0224 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Running the demonstrations
STR75x demonstration software
12/34
2.2.2
Clock failure
At any demo level, if no clock is present on OSC4M (broken or disconnected Crystal), the
following message is displayed on the LCD screen:
If the 4 MHz Crystal is not reconnected in 30s, the MCU enters STANDBY mode and the
demo will never restart as long as the clock is not present. If the 4 MHz Crystal is
reconnected within thirty seconds the MCU continues execution.
Note:
Connecting the OSC4M after reset may not restart the demo correctly. So you must connect
the crystal before starting the demo.
Note:
The Clock Detector (CKD) feeds the MCU with the FREEOSC used as emergency clock if
no clock is detected.
No Clock Detected
STANDBY in 30s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com