Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 16Page - STMicroelectronics UM0224 Datasheet HTML 17Page - STMicroelectronics UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics UM0224 Datasheet HTML 22Page - STMicroelectronics UM0224 Datasheet HTML 23Page - STMicroelectronics UM0224 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Running the demonstrations
STR75x demonstration software
20/34
2.4.3
Voice recorder
The STR750 microcontroller provides timers and an ADC module which can be used for
timing and signal acquisition respectively. In this case, we use one Timer (TIM0) to generate
an Update interrupt every 45.35 µs (22.05 KHz) which corresponds to the sampling
frequency of the ADC.
Note:
To fine tune the voice recording quality you can use the on board potentiometer RV3 to
control the micro preamplifier gain.
The following message is displayed on the LCD:
This LCD message remains until the "SEL" push button is pressed, then the MCU will erase
the SMI memory area that is used to store the voice data and the following message is
displayed on the LCD:
When KEY is pressed, the MCU starts recording voice and the following message is
displayed on the LCD:
To stop recording you may press the KEY button. Otherwise the MCU will stop it
automatically afer 30s.
2.4.4
Wave player
The STR750 microcontroller has several embedded Timers which can be used for timing
purposes and generating the output signals. In this case, we use 2 Timers (TIM) the first
Timer (TIM2) is configured to generate a PWM signal with a tunable duty cycle. The second
Timer (TIM0) is used to generate an Update interrupt each time the wave file is sampled
which corresponds to the TIM2 Duty cycle update.
The wave file has the following characteristics:
●
*.wav file
●
Audio Format: PCM
●
Sample rate: 8000 Hz/ 11025 Hz/ 22050 Hz/ 44100 Hz
●
Bits Per Sample: 8 bits
●
Number Of Channels: Mono
Start REC Voice
Voice Recorder
Record:Press KEY
Voice Recorder
Stop:in 30s/KEY
Voice Recorder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com