Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 23Page - STMicroelectronics UM0224 Datasheet HTML 24Page - STMicroelectronics UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
STR75x demonstration software
Running the demonstrations
27/34
First, the MCU will record data using a microphone. It will store it in the SMI after erasing the
corresponding region and displaying the following message on the LCD:
If a key is pressed, the MCU records a short data wave (3s).The following message is
displayed on the LCD:
Once recording is finished, the MCU will play the recorded wave and the following message
is displayed on the LCD:
If the "UP" or "DOWN" push-button is pressed, the following message is displayed on the
LCD:
To stop the test wave press "UP" or "DOWN" or it will be stopped automatically at the end,
and you must enter the result of the test:
Press "SEL" when the test is passed else press "LEFT".
●
VaResistor Test: tests whether the potentiometer connected to Channel3 of the ADC
works correctly. The number of the red LEDs turned on corresponds to the
potentiometer output voltage. The following message is displayed on the LCD:
If "SEL" pressed the following message is displayed on the LCD:
Press "SEL" to select whether the current test is passed or failed.
Record:Press KEY
MIC Speaker Test
Stop:in 3s/KEY
MIC Speaker Test
Play test:UP/DOWN
MIC Speaker Test
Skip test:UP/DOWN
MIC Speaker Test
Press ^SEL^
VarResistor Test
Turn the potentio
meter & Press SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com