Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 13Page - STMicroelectronics UM0224 Datasheet HTML 14Page - STMicroelectronics UM0224 Datasheet HTML 15Page - STMicroelectronics UM0224 Datasheet HTML 16Page - STMicroelectronics UM0224 Datasheet HTML 17Page - STMicroelectronics UM0224 Datasheet HTML 18Page - STMicroelectronics UM0224 Datasheet HTML 19Page - STMicroelectronics UM0224 Datasheet HTML 20Page - STMicroelectronics UM0224 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
STR75x demonstration software
Running the demonstrations
17/34
Note:
The Alarm wave is played only if this wave is loaded in the SMI flash, otherwise the alarm
event is used only to wake-up the system from low power modes.
2.4.2
Low power modes
The STR750 microcontroller provides different operating modes in which the power
consumption is reduced. The purpose of this menu is to show the behavior of the
microcontroller in different low-power modes. STOP and STANDBY mode are taken as
examples.
RUN
STR750 provides a Power, Reset and Clock Configuration Unit (MRCC) which allows the
user to configure the system clock.
Selecting this item shows how an application can be run at different clocking frequencies.
Blinking LEDs show the effect of changing the clock.
The following message is displayed on the LCD:
The RUN menu contains five submenu items:
●
"60 MHz": the application runs at 60 MHz.
●
"56 MHz": the application runs at 56 MHz.
●
"48 MHz": the application runs at 48 MHz.
●
"4 MHz": the application runs at 4 MHz.
The user has to press the "SEL" push button to select one of the listed run modes.
"UP/DOWN" button have to be pushed to exit from any selected mode and return to 60 MHz
as default clock value.
STOP
This menu allows you to put the STR750 in STOP mode. The software performs the specific
sequence of instructions needed to enter STOP mode. STOP mode is characterized by:
●
Possibility to turn off the Main Oscillator and PLL
●
Possibility to turn off the Flash
●
Possibility to turn off the Main Voltage Regulator
●
Minimum power consumption
●
Automatic context saving
●
All Registers and SRAM contents are preserved
60 MHz
RUN Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com