Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0224 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics UM0224 Datasheet HTML 32Page - STMicroelectronics UM0224 Datasheet HTML 33Page - STMicroelectronics UM0224 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
STR75x demonstration software
Running the demonstrations
31/34
2.5
Software architecture
This section describes the software architecture. It is divided into two layers:
Hardware library layer: contains the software library source files. These do not need
to be modified by the user:
75x_conf.h: is the header file for configuring which peripherals are used, and
miscellaneous defines
75x_type.h: contains the common data types and enumerations used in the other
files
75x_map.h: contains the peripheral memory mapping and register data structures
75x_lib.h: is the main header file including all the others
75x_it.c: is the source file containing the interrupt handlers
USB_lib.h: is the USB library include file
Demonstration architecture: contains the architecture of the demonstration software
that may be modified by the user:
menu.h: Header for the menu.c file.
menu.c: This file provides a set of functions needed to manage the demonstration
menu
calendar.h: Header for the calendar.c file
calendar.c: This file provides functions for managing time, date and alarm events
lowpower.h: Header for the lowpower.c file
lowpower.c: This file provides low power modes functions
periodmeasure.h: Header for the periodmeasure.c file
periodmeasure.c: This file provides functions for measuring the period and the
duty cycle of an external signal
lcd.h: Header for the lcd.c file
lcd.c: This file provides a set of functions needed to manage the LCD screen.
voicerecorder.h: Header for the voicerecorder.c file
voicerecorder.c: This file provides a set of functions needed to record voice.
waveplayer.h: Header for the waveplayer.c file
waveplayer.c: This file provides a set of functions needed to play waves.
smiflash.h: Header for the smiflash.c file
smiflash.c: This file provides a set of functions needed to manage SMI Flash.
joystickHID.h: Header for the joystickHID.c file
joystickHID.c: This file provides a set of functions needed to manage the USB
Mouse Demo.
usb_conf.h: USB device configuration file
usb_desc.h: Header for the usb_desc.c file
usb_desc.c: Descriptor for USB Joystick Mouse
usb_prop.h: Header for the usb_prop.c file
usb_prop.c: All processing related to the Joystick Mouse device
usb_pwr.h: Header for the usb_pwr.c file
usb_pwr.c: Connection/disconnection & power management
usb_endp.c: Non control endpoints interrupt service routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com