Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0842 Datasheet HTML 1Page - STMicroelectronics UM0842 Datasheet HTML 2Page - STMicroelectronics UM0842 Datasheet HTML 3Page - STMicroelectronics UM0842 Datasheet HTML 4Page - STMicroelectronics UM0842 Datasheet HTML 5Page - STMicroelectronics UM0842 Datasheet HTML 6Page - STMicroelectronics UM0842 Datasheet HTML 7Page - STMicroelectronics UM0842 Datasheet HTML 8Page - STMicroelectronics UM0842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
December 2010
Doc ID 16542 Rev 4
1/50
UM0842
User manual
EVALSPEAr320PLC evaluation board for the SPEAr320
Introduction
This user manual describes the implementation of the SPEAr320PLC evaluation board
(order code: EVALSPEAr320PLC). This evaluation board can be used to evaluate the
SPEAr320 microprocessor with a variety of devices and especially its Media Independent
Interface (MII) Automation mode.
The EVALSPEAr320PLC evaluation board kit comprises two boards:
G
CPU board
G
MII mode application board
The SPEAr320 microprocessor is mounted on the CPU board that is plugged on the MII
mode application board.
The application board is equipped with two Ethernet, three RS-232, one RS-485, two CAN,
SPI, I²C communication interfaces and MicroSD card socket with SDIO interface. There are
also two general-purpose push-buttons, four LEDs, a temperature sensor and a
potentiometer available for the user interface.
The application board also includes digital input/output serial/parallel connectors with a
pinout compatible to many existing evaluation boards from ST:
G
Digital input serial: STEVAL-IFP007V1
G
Digital input parallel: STEVAL-IFP004V1 and STEVAL-IFP008V1
G
Digital output serial: STEVAL-IFP009V1
G
Digital output parallel: STEVAL-IFP002V1, STEVAL-IFP001V1 and STEVAL-IFP006V1
The application board can be powered using a standard DC power supply (7 V to 30 V DC)
or directly using a 24 V DC industrial mains supply.
Figure 1.
SPEAr320 MII mode application board
www.st.com


Similar Part No. - UM0842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
UM0844 STMICROELECTRONICS-UM0844 Datasheet
707Kb / 43P
This manual provides application developers with a first introduction
18-Oct-2010
More results

Similar Description - UM0842

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
Evaluation Board for the CS4354
logo
STMicroelectronics
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
EVALSPEAr310 - evaluation board for the SPEAr310
25-Feb-2010
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
STMicroelectronics
STM32429I-EVAL STMICROELECTRONICS-STM32429I-EVAL Datasheet
204Kb / 3P
Evaluation board for the STM32F429 line
September 2013 Rev 1
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
logo
Cirrus Logic
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
Evaluation Board for the CS53L30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com