Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 10Page - STMicroelectronics UM0842 Datasheet HTML 11Page - STMicroelectronics UM0842 Datasheet HTML 12Page - STMicroelectronics UM0842 Datasheet HTML 13Page - STMicroelectronics UM0842 Datasheet HTML 14Page - STMicroelectronics UM0842 Datasheet HTML 15Page - STMicroelectronics UM0842 Datasheet HTML 16Page - STMicroelectronics UM0842 Datasheet HTML 17Page - STMicroelectronics UM0842 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Configuration
UM0842
14/50
Doc ID 16542 Rev 4
Caution:
Do not fit the jumpers when the U10 RS-232 transceiver is soldered on the evaluation
board.
5.5
Power supply
There are two options to supply the SPEAr320 PLC evaluation board:
1.
Connecting the +5 V voltage adapter (delivered in the EVALSPEAr320PLC package) to
the J11 power voltage connector on the CPU board.
2.
Connecting a 7 V to 30 V DC power source (not included in the EVALSPEAr320PLC
package) to either connectors CN17 or CN18 on the application board.
The input voltage is connected to the DC/DC converter U16 (L7986A or optionally L5973A).
The board is protected against overvoltages by the D4 transil diode (SM6T33A) and against
possible reverse polarity voltage from an incorrect power plug-in by the D3 Schottky diode
(STPS3L40U).
Warning:
Do not use both Power supply options at the same time.
Doing this may destroy the boards.
JP12
(SMD
resistor) (1)
UART2_TX line is connected to the RS-485 transceiver U11.
UART2_TX line is connected to the RS-232 transceiver U13
(Default).
JP13
(SMD
resistor)(1)
UART2_RX line is connected to the RS-485 transceiver U11.
UART2_RX line is connected to the RS-232 transceiver U13
(Default).
1. The configuration of this JP is done loading a 0 ohm resistance between two different positions.
Table 7.
UART0/RS-232 transceiver signals from the CPU board
Jumper
Description
JP17
Connects the RS232_TXD signal of the CPU board RS-232 transceiver to CN13
(UART0) Default setting: Not loaded
JP18
Connects the RS232_RXD signal of the CPU board RS-232 transceiver to CN13
(UART0) Default setting: Not loaded
Table 6.
UART2 RS-232/RS-485 configuration (continued)
Jumper
Description
Configuration
1
2
3
1
2
3
1
2
3
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com