Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 37Page - STMicroelectronics UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics UM0842 Datasheet HTML 42Page - STMicroelectronics UM0842 Datasheet HTML 43Page - STMicroelectronics UM0842 Datasheet HTML 44Page - STMicroelectronics UM0842 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
UM0842
Application board bill of materials
Doc ID 16542 Rev 4
41/50
Appendix B
Application board bill of materials
Table 37.
List of components
Designator
Qty.
Description
Value
Order number
Not assembled
B1, B2, B3
3
SE Push button
B3S-1000
C1, C3, C5, C6, C7,
C8, C9, C10, C11,
C13, C15, C16, C19,
C20, C21, C23, C24,
C29, C31, C32, C33,
C34, C35, C36, C37,
C38, C39, C40, C41,
C42, C45, C46, C47,
C48, C49, C50, C51,
C52, C53, C55, C56,
C57, C58, C70, C71,
C72, C73, C81, C82,
C83, C84 and C89
52
Capacitor (0603)
100 nF
C2, C4, C18, C26,
C43, C44, C54, C59
and C61
9
Capacitor (1206)
10 nF / 500 V
C12, C17, C22 and
C25
4
Capacitor (0805)
10 µF / X5R ceramic /
JMK212BJ106KG
C30, C64, C75, C76
and C85
5
Capacitor (0603)
10 nF
C62
1
Polarized Capacitor (CDE)
100 uF / 10 V /
TPSC107M010R0075
C63
1
Capacitor (1206)
10 µF / ceramic / 35 V /
GMK316F106ZL
C65 and C88
2
Capacitor (0603)
47 pF
C60, C66, C67, C68,
C69, C74, C77, C78,
C79 and C80
10
Polarized Capacitor (B)
22 µF / 6.3 V /
TAJB226K006R
C86
1
Capacitor (1206)
470 nF / 50 V /
C1206C474K5RAC
C87
1
Capacitor (0603)
1 nF
CN1, CN2, CN13,
CN14 and CN15
5
DB9-male connector
DB9-male
CN3 and CN4
2
Header, 20-Pin, Dual row,
With key
CN5 and CN6
2
Header, 14-Pin, Dual row,
With key
CN7 and CN8
2
RJ45 Ethernet connector with
integrated magnetic, Pulse:
J00-0086
J00-0086
Pulse: J00-0086NL
CN9 and CN10
2
Header, 20-Pin, Dual row
CN11
1
Header, 4-Pin, Single row
CN12
1
DB9-female connector
DB9-female Profibus DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com