Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 31Page - STMicroelectronics UM0842 Datasheet HTML 32Page - STMicroelectronics UM0842 Datasheet HTML 33Page - STMicroelectronics UM0842 Datasheet HTML 34Page - STMicroelectronics UM0842 Datasheet HTML 35Page - STMicroelectronics UM0842 Datasheet HTML 36Page - STMicroelectronics UM0842 Datasheet HTML 37Page - STMicroelectronics UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
35/50
Table 35.
CPU board extension connector J13
Pin
Description
Pin
Description
Pin
Description
1
LED1 / PL_GPIO47
30
PL_GPIO76
59
MII2_RXER
2
+3.3 V
31
DIDO53 / PL_GPIO53
60
AIN4
3
LED2 / PL_GPIO49
32
MII2_RXD2
61
MII2_RXDV
4
PL_GPIO63
33
SDCD / MicroSD card detect
62
GND
5
PL_GPIO56
34
MII2_RXD0
63
MII2_TXEN
6
SDAT3 / MicroSD card data
3
35
DIDO54 / PL_GPIO54
64
AIN5
7
LED3 / PL_GPIO58
36
MII2_TXD1
65
MII2_TXD3
8
PL_GPIO57 / MicroSD card
over current
37
DIDO74 / PL_GPIO74
66
GND
9
LED4 / PL_GPIO64
38
DIDO79 / PL_GPIO79
67
MII2_TXCLK
10
PL_GPIO61 / MicroSD
Power Enable
39
ST3485_RE / PL_GPIO77
68
AIN6
11
SDAT2/ MicroSD data 2
40
MII2_TXD2
69
SDCMD / MicroSD
command line
12
PL_GPIO66
41
ST3485_DE / PL_GPIO78
70
GND
13
Button 1 / PL_GPIO48
42
ADC_VREFN
71
PL_CLK3 (PLL3)
14
DIDO69 / PL_GPIO69
43
MII2_MDIO
72
AIN7
15
Button 2 / PL_GPIO50
44
AIN0 / Temperature sensor
73
SDCLK
16
DIDO72 / PL_GPIO72
45
MII2_MDC
74
GND
17
DIDO55 / PL_GPIO55
46
GND
75
PL_CLK1 (PLL1)
18
DIDO73 / PL_GPIO73
47
MII2_RXD3
76
ADC_VREFP
19
DIDO59 / PL_GPIO59
48
AIN0 / Potentiometer
77
GND
20
DIDO70 / PL_GPIO70
49
MII2_COL
78
GND
21
DIDO60 / PL_GPIO60
50
GND
79
GND
22
PL_GPIO67
51
MII2_RXD1
80
GND
23
DIDO65 / PL_GPIO65
52
AIN2
81
GND
24
DIDO71 / PL_GPIO71
53
MII2_TXER
82
GND
25
DIDO62 / PL_GPIO62
54
GND
83
GND
26
DIDO75 / PL_GPIO75
55
MII2_RXCLK
84
GND
27
DIDO68 / PL_GPIO68
56
AIN3
85
GND
28
MII2_CRS
57
MII2_TXD0
86
GND
29
DIDO52 / PL_GPIO52
58
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com