Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 33Page - STMicroelectronics UM0842 Datasheet HTML 34Page - STMicroelectronics UM0842 Datasheet HTML 35Page - STMicroelectronics UM0842 Datasheet HTML 36Page - STMicroelectronics UM0842 Datasheet HTML 37Page - STMicroelectronics UM0842 Datasheet HTML 38Page - STMicroelectronics UM0842 Datasheet HTML 39Page - STMicroelectronics UM0842 Datasheet HTML 40Page - STMicroelectronics UM0842 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
37/50
14
1
D4
SCR TS420-
B_1
DPAK
Switching Diode/600/4 A/
200 mW/DPAK/RoHS
TS420-600B
(STm)
15
5
D5, D6, D7, D8 and D9
GREEN
0805P
LED/GREEN/SLED0805
16
2
FB1 and FB2
WURTH
742792023
0805
Bead/3 A/120 Ohm/
0.03 Ohm/SL0805/RoHS
17
5
FB3, FB4, FB5, FB6
and FB7
BLM21BD60
1SN1D
0805
Bead/200mA/600 Ohm/
0.45 Ohm/SL0805/RoHS
18
4
FB8, FB9, FB10 and
FB16
FERRITE-
0603
0603
Bead/500mA/600 Ohm/
0.38 Ohm/SL0603/RoHS
19
4
FB12, FB13, FB14 and
FB15
FERRITE
0603
Bead/500 mA/600 Ohm/
0.38 Ohm/SL0603/RoHS
21
1
J1
USB B-TYPE
RA
USB-B-RA-
1
Type B USB Connector
22
1
J2
USB A-TYPE
RA DOUBLE
USB-A-RA-
DB
TYPE A Double USB
Connector/RA/TH
23
1
J3
IDC 10X2
MD POL
IDC10X2M
D
IDC 10x2/100 mil-pitch/
Header with shroud
24
5
J5, J6, J7,J 8 and J9
STRIP-2X1-
2.54-MD
2X1-2.54-
MD
2x1 single row 2.54 mm
pitch pin header
25
1
J10
MOLEX
1.25MM 2W
M
MLX-
1.25MM-M
2x1 single row 1.25 mm
pin pitch shrouded header
26
1
J11
DC POWER
SOCKET
2.1MM
DPS2.1MM 3 pin 2.1 power jack
27
2
J12 and J13
SAMTEC-
MIS-038
MIS-038
0.635 mm Doube Row HS
Socket SMT
MIS-038-01-F-D
(SAMTEC)
28
1
J17
IDC 5X2 MD
POL
IDC5X2MD
IDC 5x2/100mil-pitch/
Header with shroud
29
2
J20 and J21
STRIP-3X1
3X1-2.54-
MD
3x1 single row 2.54 mm
pitch pin header
30
1
J22
STRIP-2X2-
2.54-MD
2X2-2.54-
MD
2X2 single row 2.54 mm
pitch pin header
31
2
L1 and L2
2.2 uH 1.2A
LPS3.9X3.
9
Inductor/2.2 uH/1.2 A/
20%/3.9x3.9/RoHS
LPS4012-222ML
(Coilcraft)
32
1
L3
1 uH 1.7A
LPS3.9X3.
9
Inductor/1 uH/1.7 A/
20%/3.9x3.9/RoHS
LPS4012-102ML
(Coilcraft)
34
1
P1
SW-PB-SMD
SW-PB-
SMD6x6.6
Push Button/4PIN/
6x6mm/SMT
TS6647S
(Kingtek)
35
1
Q1
NPN BC848
SOT23
NPN Transistor/45 V/
50 V/6 V/ 0.1 A/
0.33 W/SOT23
Table 36.
List of components (continued)
Item
Qty.
Reference
Part
Footprint
Description
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com