Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 26Page - STMicroelectronics UM0842 Datasheet HTML 27Page - STMicroelectronics UM0842 Datasheet HTML 28Page - STMicroelectronics UM0842 Datasheet HTML 29Page - STMicroelectronics UM0842 Datasheet HTML 30Page - STMicroelectronics UM0842 Datasheet HTML 31Page - STMicroelectronics UM0842 Datasheet HTML 32Page - STMicroelectronics UM0842 Datasheet HTML 33Page - STMicroelectronics UM0842 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
CPU board hardware description
UM0842
30/50
Doc ID 16542 Rev 4
The debug feature can be selected by setting Switch SW1 bits [2:1].
Please refer to the documentation of the trace box manufacturer for more information on the
ETM interface (www.lauterbach.com, www.agilent.com, www.yokogawa.com).
A.2.5
Serial interface
One serial interface port is available. Typically used as an OS monitor, this port is available
on the J17 connector. It is possible to simulate a cross cable by changing the position of the
J22 jumpers.
Figure 26.
Serial cable setting
A.2.6
Real time clock (battery powered)
The real time clock (RTC) is powered by an external battery (3 V) in order to prevent data
loss even if the main power supply is switched off.
A.2.7
General power supply
From a 5 V external AC/DC regulator power source, this block generates all the required
voltages as follows:
G
1.2 V (Switching regulator PM6641) to supply the internal logic of the SPEAr320 MPU
G
1.8 V (Switching regulator PM6641) for the DDR2 memory
G
2.5 V (LDO regulator) for the analog portion of SPEAr320
G
3.3 V (Switching regulator PM6641) to supply the other interfaces
A power monitor is also present to provide the general reset of the board.
Table 29.
Switch SW1 bits [2:1]
Bit 2
Bit 1
Description
0
0
No debug features available
0
1
The ARM JTAG is connected to J4
Nul
Modem
Cable
J22
24
13
Cross
Cable
J22
24
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com