Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics UM0842 Datasheet HTML 24Page - STMicroelectronics UM0842 Datasheet HTML 25Page - STMicroelectronics UM0842 Datasheet HTML 26Page - STMicroelectronics UM0842 Datasheet HTML 27Page - STMicroelectronics UM0842 Datasheet HTML 28Page - STMicroelectronics UM0842 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
UM0842
Connectors
Doc ID 16542 Rev 4
25/50
6.14
Power supply connectors (CN17 and CN18)
6.15
SPEAr320 CPU board connectors (J1 and J2)
There are two 86-pin connectors (J1 and J2) which are used to extend the evaluation board
with the SPEAr320 CPU board.
Figure 23.
86-pin connectors (J1 and J2) pinout
Figure 21. Power supply connector
CN18 diagram
Figure 22. Power supply connector
CN17 diagram
Table 25.
Power supply connector CN18 description
Pin
Signal
Pin
Signal
1
24 V DC
3
GND
2GND
Table 26.
Power supply connector CN17 description
Pin
Signal
1
24 V DC
2GND
Table 27.
86-pin connector (J1) description
Pin
Description
Pin
Description
Pin
Description
1
NC
30
SSP_MOSI
59
MII1_RXD0
2
+5.0 V
31
MII1_TXD3
60
nRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com