Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 6Page - STMicroelectronics UM0842 Datasheet HTML 7Page - STMicroelectronics UM0842 Datasheet HTML 8Page - STMicroelectronics UM0842 Datasheet HTML 9Page - STMicroelectronics UM0842 Datasheet HTML 10Page - STMicroelectronics UM0842 Datasheet HTML 11Page - STMicroelectronics UM0842 Datasheet HTML 12Page - STMicroelectronics UM0842 Datasheet HTML 13Page - STMicroelectronics UM0842 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Configuration
UM0842
10/50
Doc ID 16542 Rev 4
5
Configuration
5.1
Ethernet
There are two Ethernet PHYs (U5 and U6) available on the board that are connected
through the media independent interfaces (MII) to the Ethernet MACs on the CPU board
processor.
By default the MII addresses of the Ethernet PHYs are selected as shown in Table 1.
)
By default the initial configuration of the Ethernet PHYs is selected as shown in Table 2.
There are two LEDs embedded in each RJ-45 connector (CN7 and CN8) that indicate the
status of the line:
G
The green LED in the connector is driven on continuously when the Ethernet link is
established with the counterpart.
G
The yellow LED in the connector blinks when there is TX or RX activity.
The Serial Management Interface (SMI) is part of the MII interface and is used to transfer
management information between the MAC and PHY (access of the PHY registers). There
are two SMI interfaces coming from each Ethernet MAC. It is possible to use only one of
them to control both Ethernet PHYs or each SMI can be used separately for each PHY.
Table 1.
MII addresses of the Ethernet PHYs (U5 and U6)
Ethernet PHY
MII address
U5
0x01
U6
0x02
Table 2.
Default configuration of the Ethernet PHYs (U5 and U6)
Function
Default configuration
Auto negotiation
Enabled
10/100 Mbits
100 Mbits selected for auto negotiation advertisement
Half/Full duplex
Full duplex selected for auto negotiation advertisement
Internal Loopback
Disabled
Power down
Disabled (PHY is not in Power down state)
MII/RMII mode
MII selected
Table 3.
SMI interface configuration
Function
Default configuration
MII1_MDC, MII1_MDIO used for PHY1 (U5) and
MII2_MDC, MII2_MDIO used for PHY2 (U6)
R93,R94, R95, R96 loaded
R27, R29 not loaded (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com