Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0842 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 25Page - STMicroelectronics UM0842 Datasheet HTML 26Page - STMicroelectronics UM0842 Datasheet HTML 27Page - STMicroelectronics UM0842 Datasheet HTML 28Page - STMicroelectronics UM0842 Datasheet HTML 29Page - STMicroelectronics UM0842 Datasheet HTML 30Page - STMicroelectronics UM0842 Datasheet HTML 31Page - STMicroelectronics UM0842 Datasheet HTML 32Page - STMicroelectronics UM0842 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
29/50
A.2
Block descriptions
A.2.1
Dynamic memory subsystem
The Dynamic memory subsystem is composed of three major parts:
Memory chip
The SPEAr320 MPU supports up to 256 Mbytes of memory. Place and route is provided for
2 chips but only one has been populated. The memory used is a Micron DDR2 device, its
part number is MT47H64M16HR-3 and its size is 128 Mbits x 8 (16 Mbits x 8 x 8 banks).
Local power supply
The local power supply is based on a monolithic voltage regulator for the chip set and
DDR2/3 (PM6641). It is generated locally in order to minimize the layout impact and also to
avoid any noise injection between different subsystems.
Signal termination
A parallel termination is added on the clock lines to compensate, if needed, for the layout
dissymmetry. Two 100-Ohm resistors are used for each line in order to obtain an impedance
of 50 Ohms. All the other terminations are directly inside the pads (both on the SPEAr320
MPU and the memory sides).
A.2.2
Static memory subsystem
Serial Flash memory
The SPEAr320 MPU supports up to 16 Mbytes of Serial Flash memory. Place and route for
2 blocks of 8 Mbytes are provided on the board but only one is populated. It is based on an
M25P64-VMF6P (Numonix) Serial Flash memory device.
A resistor (R8) is also provided to protect the Flash memory from any unwanted write
access.
A.2.3
USB 2.0 subsystem
Host ports
The board has two host ports that are fully compliant with the USB 2.0 specification (two
controllers with one port each). This means that the two hosts can work in concurrent mode
with the maximum possible bandwidth. Each host has also full control of the VBUS supplied
by the ST2052 power switch that also provides overcurrent protection in case of a short
circuit in the USB cable.
Device port
A USB 2.0 device port is also provided.
A.2.4
Debug interface
The JTAG interface can be used for "static" debugging. This means that it is possible to set a
breakpoint and, when the system stops, verify the contents of the memory and/or registers
and modify them if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com