Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 55 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics PM0237 Datasheet HTML 54Page - STMicroelectronics PM0237 Datasheet HTML 55Page - STMicroelectronics PM0237 Datasheet HTML 56Page - STMicroelectronics PM0237 Datasheet HTML 57Page - STMicroelectronics PM0237 Datasheet HTML 58Page - STMicroelectronics PM0237 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
DocID027104 Rev 2
55/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
aci_gap_set_non_connectable()
0x02: scannable undirected
advertising
Puts the device into non-
connectable mode.
0x03: non-connectable
undirected advertising
aci_gap_set_undirect_connectable
()
NA
Puts the device into undirected
connectable mode.
Table 35. ACI: discovery procedures APIs
ACI API
Description
aci_gap_start_limited_discovery_proc()
Starts the limited discovery procedure. The
controller is commanded to start active
scanning. When this procedure is started, only
the devices in limited discoverable mode are
returned to the upper layers.
aci_gap_start_general_discovery_proc()
Starts the general discovery procedure. The
controller is commanded to start active
scanning.
Table 36. ACI: connection procedures APIs
ACI API
Description
aci_gap_start_auto_conn_establishment()
Starts the auto connection establishment
procedure. The devices specified are added to
the white list of the controller and a
LE_Create_Connection call is made to the
controller by GAP with the initiator filter policy
set to “use whitelist to determine which
advertiser to connect to”.
aci_gap_create_connection()
Starts the direct connection establishment
procedure. A LE_Create_Connection call will
be made to the controller by GAP with the
initiator filter policy set to “ignore whitelist and
process connectable advertising packets only
for the specified device”.
aci_gap_start_general_conn_establishment()
Starts a general connection establishment
procedure. The host enables scanning in the
controller with the scanner filter policy set to
“accept all advertising packets” and from the
scanning results, all the devices are sent to the
upper layer using the event
EVT_BLUE_GAP_DEVICE_FOUND on
BlueNRG device and
EVT_LE_ADVERTISING_REPORT on
BlueNRG-MS device.
Table 34. ACI: GAP modes APIs (continued)
API
Supported advertising
event types
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com