Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 45 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 41Page - STMicroelectronics PM0237 Datasheet HTML 42Page - STMicroelectronics PM0237 Datasheet HTML 43Page - STMicroelectronics PM0237 Datasheet HTML 44Page - STMicroelectronics PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
DocID027104 Rev 2
45/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
3.1.1
BLE addresses
The following device addresses are supported from BlueNRG and BlueNRG-MS devices:
Public address
Random address
Private address
Public MAC addresses (6 bytes- 48 bits address) uniquely identifies a BLE device, and they
are defined by Institute of Electrical and Electronics Engineers (IEEE).
The first 3 bytes of the public address identify the company that issued the identifier and are
known as the Organizationally Unique Identifier (OUI). An Organizationally Unique Identifier
(OUI) is a 24-bit number that is purchased from the IEEE. This identifier uniquely identifies a
company and it allows to reserve a block of possible public addresses (up to 2^24 coming
from the remaining 3 bytes of the public address) for the exclusive use of a company with a
specific OUI.
An organization/company can request a new set of 6 bytes addresses when at least the
95% of previously allocated block of addresses have been used (up to 2^24 possible
addresses are available with a specific OUI).
BlueNRG and BlueNRG-MS devices don't have a valid preassigned MAC address since the
MAC address is specific to manufacturers. The public address must be set by the external
processor.
The ACI command to set the MAC address is ACI_HAL_WRITE_CONFIG_DATA (opcode
0xFC0C) with command parameters as follow:
Offset: 0x00 (0x00 identify the BTLE public address, i.e. MAC address)
Length: 0x06 (Length of the MAC address)
Value: 0xaabbccddeeff (48 bit array for MAC address)
The command ACI_HAL_WRITE_CONFIG_DATA should be sent to BlueNRG and
BlueNRG-MS devices by the uC before starting BLE operations (after each power-up or
reset of BlueNRG).
The following pseudocode example illustrates how to set a public address:
uint8_t bdaddr[] = {0x12, 0x34, 0x00, 0xE1, 0x80, 0x02};
ret=aci_hal_write_config_data(CONFIG_DATA_PUBADDR_OFFSET,CONFIG_DATA_PUBAD
DR_LEN, bdaddr);
if(ret)PRINTF("Setting address failed.\n")}
MAC address needs to be stored somewhere in the non-volatile memory associated to the
product during product manufacturing.
A user can write its application assuming that the MAC address is placed at a known Flash
location of the microcontroller. During manufacturing, the microcontroller can be
programmed with the customer Flash image via JTAG.
A second step could involve generating the unique MAC address (i.e. reading it from a
database) and storing of the MAC address in the known location in a free 48 bits area of the
Flash.
When the microcontroller’s application needs to access the MAC address simply refers to
the known Flash memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com