Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 3Page - STMicroelectronics PM0237 Datasheet HTML 4Page - STMicroelectronics PM0237 Datasheet HTML 5Page - STMicroelectronics PM0237 Datasheet HTML 6Page - STMicroelectronics PM0237 Datasheet HTML 7Page - STMicroelectronics PM0237 Datasheet HTML 8Page - STMicroelectronics PM0237 Datasheet HTML 9Page - STMicroelectronics PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
DocID027104 Rev 2
7/88
PM0237
Bluetooth low energy technology
88
1
Bluetooth low energy technology
Bluetooth low energy (BLE) wireless technology has been developed by the Bluetooth
Special Interest Group (SIG) in order to achieve a very low power standard operating with a
coin cell battery for several years.
Classic Bluetooth technology was developed as a wireless standard allowing to replace
cables connecting portable and/or fixed electronic devices, but it cannot achieve an extreme
level of battery life because of its fast hopping, connection-oriented behavior, and relatively
complex connection procedures.
Bluetooth low energy devices consume only a fraction of the power of standard Bluetooth
products and enable devices with coin cell batteries to be wirelessly connected to standard
Bluetooth enabled devices.
Figure 1. Bluetooth low energy technology enabled coin cell battery devices
Bluetooth low energy technology is used on a broad range of sensor applications
transmitting small amounts of data.
Automotive
Sport and fitness
Healthcare
Entertainment
Home automation
Security and proximity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com