Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 83 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 79Page - STMicroelectronics PM0237 Datasheet HTML 80Page - STMicroelectronics PM0237 Datasheet HTML 81Page - STMicroelectronics PM0237 Datasheet HTML 82Page - STMicroelectronics PM0237 Datasheet HTML 83Page - STMicroelectronics PM0237 Datasheet HTML 84Page - STMicroelectronics PM0237 Datasheet HTML 85Page - STMicroelectronics PM0237 Datasheet HTML 86Page - STMicroelectronics PM0237 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
DocID027104 Rev 2
83/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
Slave_Conn_Interval_Max = 0x0008)
Since Master&Slave device is also acting as a Central device, it receives the
EVT_BLUE_GATT_NOTIFICATION event related to the characteristics values notified
from, respectively, Slave_A and Slave_B devices.
9.
Once Master&Slave device enters in discovery mode, it also waits for connection
request coming from the other BlueNRG-MS device (called Master) configured as
GAP Central. Master device starts discovery procedure for discovering the
Master&Slave device:
ret = aci_gap_start_gen_disc_proc (LE_Scan_Interval=0x10,
LE_Scan_Window=0x10)
Master&Slave device is discovered thorugh the EVT_LE_ADVERTISING_REPORT event.
10. Once the Master&Slave device is discovered, Master device starts a connection
procedure for connecting to it :
/* Master device connects to Master&Slave device: Master&Slave addreess
type and address have been found during the discovery procedure within the
EVT_LE_ADVERTISING_REPORT event */
ret= aci_gap_create_connection(LE_Scan_Interval=0x0010,
LE_Scan_Window=0x0010,
Peer_Address_Type= ”Master&Slave address
type”
Peer_Address= ”Master&Slave address”
Conn_Interval_Min=0x6c,
Conn_Interval_Max=0x6c,
Conn_Latency=0x00,
Supervision_Timeout=0xc80,
Minimum_CE_Length=0x000c,
Maximum_CE_Length=0x000c)
11. Once connected, Master device enables the characteristic notification on
Master&Slave device using the aci_gatt_write_charac_descriptor() API.
12. At this stage, Master&Slave device receives the characteristics notifications from
both Slave_A, Slave_B devices , since it is a GAP Central and, as GAP Peripheral, it is
also able to notify these characteristics values to the Master device.
Note:
A set of test scripts allowing to exercise the described BlueNRG-MS simultaneously Master,
Slave scenario are provided within the BlueNRG DK SW package (see Reference Section).
These scripts can be run using the BlueNRG GUI and they can be taken as reference for
implementing a firmware application using the BlueNRG-MS simultaneously master and
slave feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com