Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 27Page - STMicroelectronics PM0237 Datasheet HTML 28Page - STMicroelectronics PM0237 Datasheet HTML 29Page - STMicroelectronics PM0237 Datasheet HTML 30Page - STMicroelectronics PM0237 Datasheet HTML 31Page - STMicroelectronics PM0237 Datasheet HTML 32Page - STMicroelectronics PM0237 Datasheet HTML 33Page - STMicroelectronics PM0237 Datasheet HTML 34Page - STMicroelectronics PM0237 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
DocID027104 Rev 2
31/88
PM0237
Bluetooth low energy technology
88
1.10
BLE profiles and applications
A service collects a set of characteristics and exposes the behavior of these characteristics
(what the device does, but not how a device uses them). A service does not define
characteristic use cases. Use cases determine which services are required (how to use
services on a device). This is done through a profile which defines which services are
required for a specific use case:
Profile clients implement use cases
Profile servers implement services
A profile may implement single or multiple services (available and specified at
http://developer.bluetooth.org).
Standard profiles or proprietary profiles can be used. When using a non-standard profile, a
128 bit UUID is required and must be generated randomly.
Currently, any standard Bluetooth SIG profile (services, and characteristics) uses 16-bit
UUIDs. Services & characteristics specification & UUID assignation can be downloaded
from the following SIG web pages:
https://developer.bluetooth.org/gatt/services/Pages/ServicesHome.aspx
https://developer.bluetooth.org/gatt/characteristics/Pages/CharacteristicsHome.aspx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com