Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 9Page - STMicroelectronics PM0237 Datasheet HTML 10Page - STMicroelectronics PM0237 Datasheet HTML 11Page - STMicroelectronics PM0237 Datasheet HTML 12Page - STMicroelectronics PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
DocID027104 Rev 2
13/88
PM0237
Bluetooth low energy technology
88
b)
Advertising packet type:
Table 3. Advertising packet types
Packet type
Description
Notes
ADV_IND
Connectable undirected
advertising
Used by an advertiser when it
wants another device to connect
to it. Device can be scanned by
a scanning device, or go into a
connection as a slave device on
connection request reception.
ADV_DIRECT_IND
Connectable directed
advertising
Used by an advertiser when it
wants a particular device to
connect to it. The
ADV_DIRECT_IND packet
contains only advertiser’s
address and initiator address.
ADV_NONCONN_IND
Non-connectable undirected
advertising
Used by an advertiser when it
wants to provide some
information to all the devices,
but it does not want other
devices to ask it for more
information or to connect to it.
Device simply sends advertising
packets on related channels, but
it does not want to be
connectable or scannable by
any other device.
ADV_SCAN_IND
Scannable undirected
advertising
Used by an advertiser which
wants to allow a scanner to
require more information from it.
The device cannot connect, but
it is discoverable for advertising
data and scan response data.
SCAN_REQ
Scan request
Used by a device in scanning
state to request addition
information to the advertiser .
SCAN_RSP
Scan response
Used by an advertiser device to
provide additional information to
a scan device.
CONNECT_REQ
Connection request
Sent by an initiating device to a
device in
connectable/discoverable mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com