Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 13Page - STMicroelectronics PM0237 Datasheet HTML 14Page - STMicroelectronics PM0237 Datasheet HTML 15Page - STMicroelectronics PM0237 Datasheet HTML 16Page - STMicroelectronics PM0237 Datasheet HTML 17Page - STMicroelectronics PM0237 Datasheet HTML 18Page - STMicroelectronics PM0237 Datasheet HTML 19Page - STMicroelectronics PM0237 Datasheet HTML 20Page - STMicroelectronics PM0237 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
DocID027104 Rev 2
17/88
PM0237
Bluetooth low energy technology
88
1.3.4
Connection state
When data to be transmitted are more complex than the ones allowed by advertising data or
a bidirectional reliable communication between two devices is needed, the connection is
established.
When an initiator device receives an advertising packet from an advertising device to which
it wants to connect, it can send a connect request packet to the advertiser device. This
packet includes all the required information needed for establishing and handling the
connection between the two devices:
Access address used in the connection in order to identify communications on a
physical link
CRC initialization value
Transmit window size (timing window for first data packet)
Transmit window offset (offset of transmit window start)
Connection interval (time between two connection events)
Slave latency (number of times slave can ignore connection events before it is forced to
listen)
Supervision timeout (max time between two correctly received packets before link is
considered lost)
Channel map: 37 bits (1= good; 0 = bad)
Frequency-hop value (random number between 5 and 16).
Sleep clock accuracy range (used to determine the uncertainty window of the slave
device at connection event).
For a detailed description of the connection request packet refer to Bluetooth Specification
V4.0 [Vol 6], Section 2.3.3.
The allowed timing ranges are summarised in Table 7:
The transmit window starts after the end of the connection request packet plus the transmit
window offset plus a mandatory delay of 1.25 ms. When the transmit window starts, the
slave device enters in receiver mode and wait for a packet from the master device. If no
packet is received within this time, the slave leaves receiver mode, and it tries one
connection interval again later. When a connection is established, a master has to transmit a
packet to the slave on every connection event for allowing slave to send packets to the
master. Optionally, a slave device can skip a given number of connection events (slave
latency).
Table 7. Connection request timings intervals
Parameter
Min
Max
Note
Transmit window size
1.25 milliseconds
10 milliseconds
Transmit window Offset 0
Connection interval
Multiples of 1.25
milliseconds
Connection interval
7.5 milliseconds
4 seconds
Multiples of 1.25
milliseconds
Supervision Timeout
100 milliseconds
32 seconds
Multiples of 10
milliseconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com