Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 49 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 45Page - STMicroelectronics PM0237 Datasheet HTML 46Page - STMicroelectronics PM0237 Datasheet HTML 47Page - STMicroelectronics PM0237 Datasheet HTML 48Page - STMicroelectronics PM0237 Datasheet HTML 49Page - STMicroelectronics PM0237 Datasheet HTML 50Page - STMicroelectronics PM0237 Datasheet HTML 51Page - STMicroelectronics PM0237 Datasheet HTML 52Page - STMicroelectronics PM0237 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
DocID027104 Rev 2
49/88
PM0237
Design an application using BlueNRG, BlueNRG-MS ACI APIs
88
For a detailed description about the BLE events, and related formats refer to the user
manual UM1755 and on Table 34: ACI: GAP modes APIs in the current document.
The following pseudocode provides an example of HCI_Event_CB() callback handling
some of the described device events (EVT_DISCONN_COMPLETE, EVT_LE_CONN_COMPLETE,
EVT_BLUE_GATT_ATTRIBUTE_MODIFIED, EVT_BLUE_GATT_NOTIFICATION
):
void HCI_Event_CB(void *pckt)
{
hci_uart_pckt *hci_pckt = pckt;
hci_event_pckt *event_pckt = (hci_event_pckt*)hci_pckt->data;
if(hci_pckt->type != HCI_EVENT_PKT return;
EVT_BLUE_GAP_BOND_LOST
Event generated when a pairing
request is issued, in response to a
slave security request from a
master which has previously
bonded with the slave. When this
event is received, the upper layer
has to issue the command
aci_gap_allow_rebond() to allow
the slave to continue the pairing
process with the master
EVT_VENDOR
GAP
peripheral
EVT_BLUE_ATT_READ_BY_GROUP_RESP
The Read-by-group type response
is sent in reply to a received
Read-by-group type request and
contains the handles and values
of the attributes that have been
read
EVT_VENDOR
GATT
client
EVT_BLUE_ATT_READ_BY_TYPE_RESP
The Read-by-type response is
sent in reply to a received Read
By Type
Request and contains the handles
and values of the attributes that
have been read.
EVT_VENDOR
GATT
client
EVT_BLUE_GAP_DEVICE_FOUND
(only for BlueNRG device)
Event given by the GAP layer to
the upper layers when a device is
discovered during scanning as a
consequence of one of the GAP
procedures started by the upper
layers.
EVT_VENDOR
GAP
central
EVT_BLUE_GATT_PROCEDURE_COMPLETE
A GATT procedure has been
completed
EVT_VENDOR
GATT
client
EVT_LE_ADVERTISING_REPORT (only for
BlueNRG-MS device)
Event given by the GAP layer to
the upper layers when a device is
discovered during scanning as a
consequence of one of the GAP
procedures started by the upper
layers.
EVT_LE_META_
EVENT
GAP
central
Table 33. ACI: main events, sub-events (continued)
Event/sub-event
Description
Main event
Where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com