Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0237 Datasheet(PDF) 35 Page - STMicroelectronics

Part # PM0237
Description  The main purpose of this document is to provide a developer
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0237 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button PM0237 Datasheet HTML 31Page - STMicroelectronics PM0237 Datasheet HTML 32Page - STMicroelectronics PM0237 Datasheet HTML 33Page - STMicroelectronics PM0237 Datasheet HTML 34Page - STMicroelectronics PM0237 Datasheet HTML 35Page - STMicroelectronics PM0237 Datasheet HTML 36Page - STMicroelectronics PM0237 Datasheet HTML 37Page - STMicroelectronics PM0237 Datasheet HTML 38Page - STMicroelectronics PM0237 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
DocID027104 Rev 2
35/88
PM0237
BlueNRG, BlueNRG-MS stacks architecture and ACI
88
2.1
ACI interface
The ACI commands utilize and extend the standard HCI data format defined within the
Bluetooth specification v4.0 and v4.1.
The ACI interface supports the following commands:
Standard HCI commands for controller as defined by Bluetooth specification (v4.0 and
v4.1)
Vendor Specific (VS) HCI commands for controller
Vendor Specific (VS) ACI commands for host (L2CAP,ATT, SM, GATT, GAP)
The reference ACI interface framework is provided within the BlueNRG, BlueNRG-MS kits
software package targeting the BlueNRG, BlueNRG-MS kits based on STM32L1 external
microcontroller (refer to Section 4: References).
The ACI interface framework contains the code that is used to send ACI commands to the
BlueNRG and BlueNRG-MS network processors. It also provides definitions of device
events. This framework allows to format each ACI command in the proper way and send
the command inline with the defined ACI SPI communication protocol.
The ACI SPI communication protocol is described on the user manuals UM1755 “BlueNRG
Bluetooth LE stack application command interface (ACI)” and UM1865 “BlueNRG-MS
Bluetooth LE stack application command interface (ACI)", available on ST BlueNRG web
pages. These user manuals also provide a complete description of all related devices ACI
command formats, name parameters, return values and generated events.
The ACI framework interface is defined by the following header files:
Table 28. ACI Interface
File
Description
Location
Notes
hci.h
HCI library functions prototypes and
error code definition.
Bluetooth
LE\SimpleBlue
NRG_HCI\incl
udes
To be included on the
user main application
hci_const.h
It contains constants and functions for
HCI layer. See Bluetooth Core v 4.0, Vol.
2, Part E.
“”
bluenrg_gatt_s
erver.h
Header file for GATT server definition
“”
To be included on the
user main application
sm.h
Header file for BlueNRG's security
manager
“”
To be included on the
user main application
bluenrg_gap.h Header file for BlueNRG's GAP layer
“”
To be included on the
user main application
bluenrg_aci.h
Header file that contains commands and
events for BlueNRG FW stack
“”
To be included on the
user main application
bluenrg_aci_c
onst.h
Header file with ACI definitions for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h
bluenrg_hal_a
ci.h
Header file with HCI commands for
BlueNRG FW stack
“”
It is included by
bluenrg_aci.h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com