Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 29 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 29 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 25Page - NEC UPD75P4308GS Datasheet HTML 26Page - NEC UPD75P4308GS Datasheet HTML 27Page - NEC UPD75P4308GS Datasheet HTML 28Page - NEC UPD75P4308GS Datasheet HTML 29Page - NEC UPD75P4308GS Datasheet HTML 30Page - NEC UPD75P4308GS Datasheet HTML 31Page - NEC UPD75P4308GS Datasheet HTML 32Page - NEC UPD75P4308GS Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
µPD75P4308
29
8.2 Program Memory Write Procedure
High-speed program memory write can be executed via the following steps.
(1)
Pull down unused pins to VSS via resistors. Set the X1 pin to low.
(2)
Apply +5 V to the VDD and VPP pins.
(3)
Wait 10
µs.
(4)
Zero-clear mode for program memory addresses.
(5)
Apply +6 V to VDD and +12.5 V to VPP.
(6)
Write data using 1-ms write mode.
(7)
Verify mode. If write is verified, go to step (8) and if write is not verified, go back to steps (6) and (7).
(8)
X [= number of write operations from steps (6) and (7)]
× 1 ms additional write
(9)
4 pulse inputs to the X1 pin updates (increments +1) the program memory address.
(10) Repeat steps (6) to (9) until the last address is completed.
(11) Zero-clear mode for program memory addresses.
(12) Apply +5 V to the VDD and VPP pins.
(13) Power supply OFF
The following diagram illustrates steps (2) to (9).
VPP
VDD
VDD + 1
VDD
VPP
VDD
X1
D0/P60/KR0-
D3/P63/KR3
D4/P50-
D7/P53
MD0/P30
MD1/P31
MD2/P32
MD3/P33
Write
Verify
Additional write
Address
increment
X repetitions
Data input
Data output
Data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com