Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 48 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 48 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 44Page - NEC UPD75P4308GS Datasheet HTML 45Page - NEC UPD75P4308GS Datasheet HTML 46Page - NEC UPD75P4308GS Datasheet HTML 47Page - NEC UPD75P4308GS Datasheet HTML 48Page - NEC UPD75P4308GS Datasheet HTML 49Page - NEC UPD75P4308GS Datasheet HTML 50Page - NEC UPD75P4308GS Datasheet HTML 51Page - NEC UPD75P4308GS Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
µPD75P4308
48
11. PACKAGE DRAWINGS
36 PIN PLASTIC SHRINK SOP (300 mil)
B
L
I
H
J
A
118
19
36
detail of lead end
M
M
D
N
P36GM-80-300B-3
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
K
15.54 MAX.
0.8 (T.P.)
1.8 MAX.
1.55
7.7±0.3
0.97 MAX.
0.612 MAX.
0.005±0.003
0.071 MAX.
0.303±0.012
0.220
0.039 MAX.
NOTE
L
M
0.10
0.6±0.2
1.1
5.6
0.004
0.024
+0.008
–0.009
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
0.043
0.061
0.031 (T.P.)
0.20
+0.10
–0.05
0.008
+0.004
–0.002
N
0.10
0.004
0.014
+0.004
–0.003
0.35
0.125±0.075
+0.10
–0.05
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com