Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 32 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 32 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 28Page - NEC UPD75P4308GS Datasheet HTML 29Page - NEC UPD75P4308GS Datasheet HTML 30Page - NEC UPD75P4308GS Datasheet HTML 31Page - NEC UPD75P4308GS Datasheet HTML 32Page - NEC UPD75P4308GS Datasheet HTML 33Page - NEC UPD75P4308GS Datasheet HTML 34Page - NEC UPD75P4308GS Datasheet HTML 35Page - NEC UPD75P4308GS Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
µPD75P4308
32
9. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25˚C)
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
PROM supply voltage
VPP
–0.3 to +13.5
V
Input voltage
VI1
Other than port 5
–0.3 to VDD +0.3
V
VI2
Port 5 (N-ch open-drain)
–0.3 to +14
V
Output voltage
VO
–0.3 to VDD +0.3
V
High-level output current
IOH
Per pin
–10
mA
Total for all pins
–30
mA
Low-level output current
IOL
Per pin
30
mA
Total for all pins
220
mA
Operating ambient
TA
–40 to +85
˚C
temperature
Storage temperature
Tstg
–65 to +150
˚C
Caution If the absolute maximum ratings of even one of the parameters is exceeded even momentarily,
the quality of the product may be degraded. The absolute maximum ratings are therefore values
which, when exceeded, can cause the product to be damaged. Be sure that these values are never
exceeded when using the product.
Capacitance (TA = 25˚C, VDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
f = 1 MHz
15
pF
Output capacitance
COUT
Unmeasured pins returned to 0 V
15
pF
I/O capacitance
CIO
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com