Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 14 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 14 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 10Page - NEC UPD75P4308GS Datasheet HTML 11Page - NEC UPD75P4308GS Datasheet HTML 12Page - NEC UPD75P4308GS Datasheet HTML 13Page - NEC UPD75P4308GS Datasheet HTML 14Page - NEC UPD75P4308GS Datasheet HTML 15Page - NEC UPD75P4308GS Datasheet HTML 16Page - NEC UPD75P4308GS Datasheet HTML 17Page - NEC UPD75P4308GS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
µPD75P4308
14
5. DIFFERENCES BETWEEN
µPD75P4308 AND µPD754302, 754304
The
µPD75P4308 replaces the internal mask ROM in the µPD754302 and 754304 with a one-time PROM and
features expanded ROM capacity. The
µPD75P4308’s Mk I mode supports the Mk I mode in the µPD754302 and
754304 and the
µPD75P4308’s Mk II mode supports the Mk II mode in the µPD754302 and 754304.
Table 5-1 lists differences among the
µPD75P4308 and the µPD754302 and 754304. Be sure to check the
differences between corresponding versions beforehand, especially when a PROM version is used for debugging or
prototype testing of application systems and later the corresponding mask ROM version is used for full-scale
production.
For details of CPU functions and incorporated hardware, refer to
µPD754304 User’s Manual (U10123E).
Table 5-1. Differences between
µPD75P4308 and µPD754302, 754304
Item
µPD754302
µPD754304
µPD75P4308
Program counter
11-bit
12-bit
13-bit
Program memory (bytes)
Mask ROM
Mask ROM
One-time PROM
2048
4096
8192
Data memory (
× 4 bits)
256
Mask options
Pull-up resistor for
Yes (On-chip/not on-chip specifiable)
No (On-chip not possible)
PORT5
Wait time in
Yes (Selectable from 217/fX and 215/fX)Note
No (fixed at 215/fX)Note
RESET state
Pin configuration
Pins 5 to 8
P33-P30
P33/MD3-P30/MD0
Pin 19
IC
VPP
Pins 29 to 32
P63/KR3-P60/KR0
P63/KR3/D3-
P60/KR0/D0
Pins 33 to 36
P53-P50
P53/D7-P50/D4
Other
Noise resistance and noise radiation may differ due to the different circuit
complexities and mask layouts.
Note 217/fX: 21.8 ms @6.0-MHz operation, 31.3 ms @4.19-MHz operation.
215/fX: 5.46 ms @6.0-MHz operation, 7.81 ms @4.19-MHz operation.
Caution Noise resistance and noise radiation are different in PROM version and mask ROM versions. If
using a mask ROM version instead of the PROM version for processes between prototype
development and full production, be sure to fully evaluate the CS (not ES) of the mask ROM
version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com