Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 12 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 12 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 8Page - NEC UPD75P4308GS Datasheet HTML 9Page - NEC UPD75P4308GS Datasheet HTML 10Page - NEC UPD75P4308GS Datasheet HTML 11Page - NEC UPD75P4308GS Datasheet HTML 12Page - NEC UPD75P4308GS Datasheet HTML 13Page - NEC UPD75P4308GS Datasheet HTML 14Page - NEC UPD75P4308GS Datasheet HTML 15Page - NEC UPD75P4308GS Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
µPD75P4308
12
4.
SWITCHING FUNCTION BETWEEN Mk I MODE AND Mk II MODE
Setting a stack bank selection (SBS) register for the
µPD75P4308 enables the program memory to be switched
between the Mk I mode and the Mk II mode. This capability enables the evaluation of the
µPD754302 or 754304 using
the
µPD75P4308.
When the SBS bit 3 is set to 1: sets Mk I mode (corresponds to Mk I mode of
µPD754302 and 754304)
When the SBS bit 3 is set to 0: sets Mk II mode (corresponds to Mk II mode of
µPD754302 and 754304)
4.1 Differences between Mk I Mode and Mk II Mode
Table 4-1 lists the differences between the Mk I mode and the Mk II mode of the
µPD75P4308.
Table 4-1. Differences between Mk I Mode and Mk II Mode
Item
Mk I Mode
Mk II Mode
Program counter
PC12-0
Program memory (bytes)
8192
Data memory (bits)
256
× 4
Stack
Stack bank
Memory bank 0
Stack bytes
2 bytes
3 bytes
Instruction
BRA !addr1
Not provided
Provided
CALLA !addr1
Instruction
CALL !addr
3 machine cycles
4 machine cycles
execution time CALLF !faddr
2 machine cycles
3 machine cycles
Supported mask ROM versions
Mk I mode of
µPD754302 and 754304
Mk II mode of
µPD754302 and 754304
Caution The Mk II mode supports 16 Kbytes or more of program area in the 75X and 75XL Series. This
mode allows the software compatibility with 16-Kbyte or more versions to be improved.
Compared with the Mk I mode, selecting the Mk II mode increases the stack bytes by one during
execution of the subroutine call instruction. When a CALL !addr or CALLF !faddr instruction is
used, the instruction execution time increases by one machine cycle. Therefore, if RAM efficiency
or throughput is more important than software compatibility, use the Mk I mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com