Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 17 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 17 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 13Page - NEC UPD75P4308GS Datasheet HTML 14Page - NEC UPD75P4308GS Datasheet HTML 15Page - NEC UPD75P4308GS Datasheet HTML 16Page - NEC UPD75P4308GS Datasheet HTML 17Page - NEC UPD75P4308GS Datasheet HTML 18Page - NEC UPD75P4308GS Datasheet HTML 19Page - NEC UPD75P4308GS Datasheet HTML 20Page - NEC UPD75P4308GS Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
µPD75P4308
17
7. INSTRUCTION SET
(1) Representation and coding formats for operands
In the instruction’s operand area, use the following coding format to describe operands corresponding to the
instruction’s operand representations (for further description, refer to RA75X Assembler Package User’s
Manual Language (EEU-1363)). When there are several codes, select and use just one. Uppercase letters,
and + and – symbols are key words that should be entered as they are.
For immediate data, enter an appropriate numerical value or label.
Instead of mem, fmem, pmem, bit, etc., a register flag symbol can be described as a label descriptor (for details,
refer to
µPD754304 User’s Manual (U10123E)). Labels that can be entered for fmem and pmem are restricted.
Representation
Coding format
reg
X, A, B, C, D, E, H, L
reg1
X, B, C, D, E, H, L
rp
XA, BC, DE, HL
rp1
BC, DE, HL
rp2
BC, DE
rp’
XA, BC, DE, HL, XA’, BC’, DE’, HL’
rp’1
BC, DE, HL, XA’, BC’, DE’, HL’
rpa
HL, HL+, HL–, DE, DL
rpa1
DE, DL
n4
4-bit immediate data or label
n8
8-bit immediate data or label
mem
8-bit immediate data or labelNote
bit
2-bit immediate data or label
fmem
FB0H-FBFH, FF0H-FFFH immediate data or label
pmem
FC0H-FFFH immediate data or label
addr
0000H-1FFFH immediate data or label
addr1
0000H-1FFFH immediate data or label (in Mk II mode only)
caddr
12-bit immediate data or label
faddr
11-bit immediate data or label
taddr
20H-7FH immediate data (however, bit0 = 0) or label
PORTn
PORT0-PORT3, PORT5-PORT8
IE
×××
IEBT, IECSI, IET0, IET1, IE0-IE2, IE4
RBn
RB0-RB3
MBn
MB0, MB15
Note When processing 8-bit data, only even addresses can be specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com