Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75P4308GS Datasheet(PDF) 53 Page - NEC

Part # UPD75P4308GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P4308GS Datasheet(HTML) 53 Page - NEC

Back Button UPD75P4308GS Datasheet HTML 49Page - NEC UPD75P4308GS Datasheet HTML 50Page - NEC UPD75P4308GS Datasheet HTML 51Page - NEC UPD75P4308GS Datasheet HTML 52Page - NEC UPD75P4308GS Datasheet HTML 53Page - NEC UPD75P4308GS Datasheet HTML 54Page - NEC UPD75P4308GS Datasheet HTML 55Page - NEC UPD75P4308GS Datasheet HTML 56Page - NEC UPD75P4308GS Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
µPD75P4308
53
PROM Write Tools
Hardware
PG-1500
A stand-alone system can be configured of a single-chip microcontroller with on-chip PROM
when connected to an auxiliary board (attached) and a programmer adapter (separately sold).
Alternatively, a PROM programmer can be operated on a host machine for programming.
In addition, typical PROMs in capacities ranging from 256 K to 4 Mbits can be programmed.
PA-75P4308GS
This is a PROM programmer adapter for the
µPD75P4308GS. It can be used when connected
to a PG-1500.
Software
PG-1500 controller
Establishes serial and parallel connections between the PG-1500 and a host machine for host-
machine control of the PG-1500.
Host machine
Part No. (name)
OS
Supply medium
PC-9800 Series
MS-DOS
3.5" 2HD
µS5A13PG1500
Ver.3.30 to
5" 2HD
µS5A10PG1500
Ver.6.2Note
IBM PC/AT
Refer to OS for
3.5" 2HD
µS7B13PG1500
or compatible
IBM PCs
5" 2HC
µS7B10PG1500
Note Ver. 5.00 and above include a task swapping function, but this software is not able to use that function.
Remark Operation of the PG-1500 controller is guaranteed only when using the host machine and OS described
above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com