Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 4Page - Maxim Integrated Products MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products MAX5259 Datasheet HTML 10Page - Maxim Integrated Products MAX5259 Datasheet HTML 11Page - Maxim Integrated Products MAX5259 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
02
13
4
5
SUPPLY CURRENT vs. REFERENCE
VOLTAGE (VDD = +5V)
REFERENCE VOLTAGE (V)
ALL DAC CODES = FF HEX
ALL DAC CODES = OO HEX
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1.0
1.5
2.0
THD + NOISE AT DAC OUTPUT vs.
REFERENCE AMPLITUDE
REFERENCE AMPLITUDE (Vp-p)
VREF = 20kHz
VREF = 1kHz
VREF = SINE-WAVE
VDD = +3V
CENTERED AT +1.5V
DAC CODE = FF HEX
80kHz LOWPASS FILTER
-70
-55
-60
-65
-50
-45
-40
-35
-30
-25
-20
10
1k
100
10k
100k
THD + NOISE AT DAC OUTPUT vs.
REFERENCE FREQUENCY
FREQUENCY (Hz)
VREF = SINE-WAVE
VDD = +3V
CENTERED AT +1.5V
DAC CODE = FF HEX
500kHz LOWPASS FILTER
VREF = 0.5Vp-p
VREF = 1Vp-p
VREF = 2Vp-p
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
1
100
1k
10
10k
100k
1M
10M
REFERENCE INPUT FREQUENCY
RESPONSE
FREQUENCY (Hz)
VREF = 0.1Vp-p SINE-WAVE
CENTERED AT 2.5V
DAC CODE = FF HEX
VDD = +3V
-90
-85
-55
-75
-80
-70
-65
-60
-50
100
1k
10k
100k
1M
10M
REFERENCE FEEDTHROUGH
vs. FREQUENCY
FREQUENCY (Hz)
VREF = 3Vp-p SINE-WAVE
DAC CODE = OO HEX
VDD = +3V
OUTA
WORST-CASE 1LSB DIGITAL STEP CHANGE
(POSITIVE)
MAX5258/9 toc15
1
µs/div
3V
0
50mV/div
CS
VDD = +3V
VREF = +2.5V
DAC CODE = 7F TO 80 HEX
NO-LOAD
OUTA
WORST-CASE 1LSB DIGITAL STEP CHANGE
(NEGATIVE)
MAX5258/9 toc16
1
µs/div
3V
0
50mV/div
CS
VDD = +3V
VREF = +2.5V
DAC CODE = 80 TO 7F HEX
NO-LOAD
OUTA
WORST-CASE 1LSB DIGITAL STEP CHANGE
(POSITIVE)
MAX5258/9 toc17
1
µs/div
3V
0
50mV/div
CS
VDD = +5V
VREF = +4.5V
DAC CODE = 7F TO 80 HEX
NO-LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com