Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 5Page - Maxim Integrated Products MAX5259 Datasheet HTML 6Page - Maxim Integrated Products MAX5259 Datasheet HTML 7Page - Maxim Integrated Products MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products MAX5259 Datasheet HTML 10Page - Maxim Integrated Products MAX5259 Datasheet HTML 11Page - Maxim Integrated Products MAX5259 Datasheet HTML 12Page - Maxim Integrated Products MAX5259 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
OUTA
CLOCK FEEDTHROUGH
MAX5258/9 toc19
1
µs/div
3V
0
1mV/div
SCLK
VDD = +3V
VREF = +2.5V
SCLK = 333 kHz
DAC CODE = 00 HEX
NO-LOAD
OUTA
POSITIVE SETTLING TIME
MAX5258/9 toc20
2
µs/div
3V
0
1.0V/div
CS
VDD = +3V
VREF = +2.5V
DAC CODE = 00 TO FF HEX
NO-LOAD
OUTA
POSITIVE SETTLING TIME
MAX5258/9 toc21
4
µs/div
3V
0
2.0V/div
CS
VDD = +5V
VREF = +4.5V
DAC CODE = 00 TO FF HEX
NO-LOAD
OUTA
NEGATIVE SETTLING TIME
MAX5258/9 toc22
4
µs/div
3V
0
1.0V/div
CS
VDD = +3V
VREF = +2.5V
DAC CODE = FF TO 00 HEX
NO-LOAD
OUTA
CS
NEGATIVE SETTLING TIME
MAX5258/9 toc23
4
µs/div
3V
0
2.0V/div
VDD = +5V
VREF = +4.5V
DAC CODE = FF TO 00 HEX
NO-LOAD
OUTA
WORST-CASE 1LSB DIGITAL STEP CHANGE
(NEGATIVE)
MAX5258/9 toc18
1
µs/div
3V
0
50mV/div
CS
VDD = +5V
VREF = +4.5V
DAC CODE = 80 TO 7F HEX
NO-LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com