Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5259
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5259 Datasheet HTML 8Page - Maxim Integrated Products MAX5259 Datasheet HTML 9Page - Maxim Integrated Products MAX5259 Datasheet HTML 10Page - Maxim Integrated Products MAX5259 Datasheet HTML 11Page - Maxim Integrated Products MAX5259 Datasheet HTML 12Page - Maxim Integrated Products MAX5259 Datasheet HTML 13Page - Maxim Integrated Products MAX5259 Datasheet HTML 14Page - Maxim Integrated Products MAX5259 Datasheet HTML 15Page - Maxim Integrated Products MAX5259 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
12
______________________________________________________________________________________
16-BIT SERIAL WORD*
LDAC
FUNCTION
A2
A1
A0
C2
C1
C0
D7……D0
X
X
X
0
0
0
XXXXXXXX
X
No operation (NOP); shift data in shift registers.
X
X
X
0
0
1
XXXXXXXX
X
Clears all input and DAC registers and sets all DAC
outputs to zero.
X
X
X
0
1
0
XXXXXXXX
X
Software shutdown. Output buffers can be individually
shut down with zeros in the corresponding data bits.
0
X
X
0
1
1
XXXXXXXX
X
DOUT Phase Mode 0. DOUT transitions on the falling
edge of SCLK.
1
X
X
0
1
1
XXXXXXXX
X
DOUT Phase Mode 1. DOUT transitions on the rising
edge of SCLK.
X
X
X
1
0
0
8-bit DAC data
X
Loads all DACs with the same data
00
0101
8-bit DAC data
H
Load input register A. All DAC outputs unchanged.
00
1101
8-bit DAC data
H
Load input register B. All DAC outputs unchanged.
01
0101
8-bit DAC data
H
Load input register C. All DAC outputs unchanged.
01
1101
8-bit DAC data
H
Load input register D. All DAC outputs unchanged.
10
0101
8-bit DAC data
H
Load input register E. All DAC outputs unchanged.
10
1101
8-bit DAC data
H
Load input register F. All DAC outputs unchanged.
11
0101
8-bit DAC data
H
Load input register G. All DAC outputs unchanged.
11
1101
8-bit DAC data
H
Load input register H. All DAC outputs unchanged.
00
0110
8-bit DAC data
H
Load input register A. Update OUTA. All other DAC
outputs unchanged.
00
1110
8-bit DAC data
H
Load input register B. Update OUTB. All other DAC
outputs unchanged.
01
0110
8-bit DAC data
H
Load input register C. Update OUTC. All other DAC
outputs unchanged.
01
1110
8-bit DAC data
H
Load input register D. Update OUTD. All other DAC
outputs unchanged.
10
0110
8-bit DAC data
H
Load input register E. Update OUTE. All other DAC
outputs unchanged.
10
1110
8-bit DAC data
H
Load input register F. Update OUTF. All other DAC
outputs unchanged.
11
0110
8-bit DAC data
H
Load input register G. Update OUTG. All other DAC
outputs unchanged.
11
1110
8-bit DAC data
H
Load input register H. Update OUTH. All other DAC
outputs unchanged.
X
X
X
1
1
1
XXXXXXXX
H
Software LDAC command. Updates all DACs from their
respective input registers.
Table 1. Serial-Interface Programming Commands
* The first two bits are “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com